PART |
Description |
Maker |
2SC5489 |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Wide-Band Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|
2SC4871 |
NPN Epitaxial Planar Silicon Transistor UHF to S Band Low-Noise Amplifier, OSC Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
MMBTH10 MMBTSA1037 MMBTSA1162 MMBTSA1182 1SS390 MM |
NPN Silicon VHF/UHF Transistor PNP Silicon Epitaxial Planar Transistor SILICON EPITAXIAL PLANAR DIODE NPN Silicon Epitaxial Planar Transistors SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE PNP SILICON EPITAXIAL POWER TRANSISTOR BAND SWITCHING DIODE SILICON EPITAXIAL PLANAR SWITCHING DIODE SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
|
SEMTECH ELECTRONICS LTD. SEMTECH ELECTRONICS LTD...
|
2SD1628 |
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC2911 2SA1209 2SA120902 |
NPN Epitaxial Planar Silicon Transistors 160V/140mA High-Voltage Switching and AF 100W Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|
2SC3256 0046 |
NPN Epitaxial Planar Silicon Transistors 60V/15A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3255 2SA1291 0045 |
NPN Epitaxial Planar Silicon Transistors 60V/10A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3253 0043 |
NPN Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SD1620 |
NPN Epitaxial Planar Silicon Transistor 1.5V, 3V Strobe Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC2078 |
NPN Epitaxial Planar Silicon Transistor 27MHz RF Power Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|